Part Number Hot Search : 
KAQY210 TLP62 AD977 1J101M ICE2000 AN7586 GF10N SN67010
Product Description
Full Text Search
 

To Download 1205220K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065 TEL: (805) 522-9998 FAX: (805) 522-9989 E-mail: frontiersales@frontierusa.com Web: frontierusa.com
RF Coated Chokes (Axial Leads)--1205 series
A. Electrical Specifications:
Part Number Inductance (H) Q Min. Test Freq. (MHz) SRF Min. (MHz) DCR (OHM) Max. Rated Current (mA) Max.
1205R10M 1205R12M 1205R15M 1205R18M 1205R22M 1205R27M 1205R33M 1205R39M 1205R47M 1205R56M 1205R68M 1205R82M 12051R0K 12051R2K 12051R5K 12051R8K 12052R2K 12052R7K 12053R3K 12053R9K 12054R7K 12055R6K 12056R8K 12058R2K 1205100K 1205120K 1205150K 1205180K 1205220K 1205270K 1205330K 1205390K 1205470K 1205560K 1205680K 1205820K 1205101K 1205121K 1205151K 1205181K 1205221K 1205271K 1205331K 1205391K 1205471K 1205561K 1205681K 1205821K 1205102K
0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000
35 35 35 35 35 35 35 35 40 40 40 40 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50
25 25 25 25 25 25 25 25 25 25 25 25 25 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79
380 380 380 380 380 360 350 320 300 280 250 200 180 165 150 125 110 95 70 65 50 40 30 28 22 20 16 15 13 11 10 9.5 8.5 7.5 6.5 6.0 5.5 5.4 4.75 4.35 4.0 3.7 3.4 2.8 2.55 2.35 2.0 1.5 1.2
0.075 0.075 0.075 0.075 0.075 0.08 0.08 0.09 0.10 0.11 0.12 0.12 0.15 0.18 0.20 0.23 0.25 0.28 0.30 0.32 0.35 0.40 0.45 0.55 0.72 0.80 0.88 1.0 1.2 1.35 1.5 1.7 2.3 2.6 2.9 3.2 3.5 3.8 4.4 5.0 5.7 6.5 9.5 10.5 11.6 13 18 23 26
1150 1150 1150 1150 1150 1110 1110 1000 1000 950 900 900 815 740 700 655 630 595 575 555 530 500 470 425 370 350 335 315 285 270 255 240 205 195 185 175 165 160 150 140 130 120 100 95 90 85 75 65 60
Note: RoHS compliant; for the ROHS parts, we add "-LFR" at the end of the P/N.
Axial Leads Coated Choke P/N 1205 Series Rev. A June 01, 2006 Page 1 of 2
Specifications
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065 TEL: (805) 522-9998 FAX: (805) 522-9989 E-mail: frontiersales@frontierusa.com Web: frontierusa.com
RF Coated Chokes (Axial Leads)--1205 series
B. Mechanical Dimensions:
Mechanical drawing C. General Information:
1. 2. 3. 4. 5. 6. Coil Form Material: Ferrite Body Size: 7.37 x 2.79 mm Inductance (Current) ranges: 0.10uH (1.15A) - 1000uH (60mA) Inductance Tolerance: M:20%, K: 10%, J:5%. DCR: from 0.075 - 26.0 Ohms. Other information: Spec. / Series
Operating Temperature: Temp. Rise: Ambient Temperature: Terminal Strength: Marking: Moisture & Heat Resist.: Dielectric Strength: Test Equipment: Color Code in accordance with EIA
1201 to 1211 Series
- 20C to + 80C 20C 90C Max. 3 lb.
1310 to 1501 Series
Phenolic: 125C Max. Ferrite: 105C Max. Phenolic: 35C Max. Ferrite: 15C Max.
Color Code in accordance with MIL-C-15305 D
L/L < +5% Q/Q < +10% 1KV rms. L & Q = HP4342A at specified frequency DCR = Milli-Ohm meter, SRF = HP4191A
7. Color Code for RF Coated Chokes:
Black Color 0 Digit 1 Multiplier -Tolerance Brown 1 10 -Red 2 100 -Orange Yellow Green 3 4 5 1000 10,000 -3% --Blue Violet Gray White Gold Silver None 6 7 8 9 -------0.1 0.01 -----5% 10% 20%
Example foe color code on Molded Inductor:
Inductance (H) 0.68 + 10% 6.8 + 10% 68 + 10% 1st Band Blue Blue Blue 2nd Band 3rd Band Gray Gray Gray Silver Gold Black 4th Band Silver Silver Silver
Color Code
Note: RoHS compliant; for the RoHS parts, we add "-LFR" at the end of the P/N.
Axial Leads Coated Choke P/N 1205 Series Rev. A June 01, 2006 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 1205220K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X